Part Number Hot Search : 
167BZXI 3105V 10A00 EPA2127A EC3CB14 Q980000 MX29LV 83251
Product Description
Full Text Search
 

To Download HD74ALVCH162827 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HD74ALVCH162827
20-bit Buffers / Drivers with 3-state Outputs
ADE-205-188B (Z) 3rd. Edition December 1999 Description
The HD74ALVCH162827 is composed of two 10-bit sections with separate output enable signals. For either 10-bit buffer section, the two output enable (1OE1 and 1OE2 or 2OE1 and 2OE2) inputs must both be low for the corresponding Y outputs to be active. If either output enable input is high, the outputs of that 10-bit buffer section are in the high impedance state. Active bus hold circuitry is provided to hold unused or floating data inputs at a valid logic level. All outputs, which are designed to sink up to 12 mA, include 26 resistors to reduce overshoot and undershoot.
Features
* VCC = 2.3 V to 3.6 V * Typical VOL ground bounce < 0.8 V (@VCC = 3.3 V, Ta = 25C) * Typical VOH undershoot > 2.0 V (@VCC = 3.3 V, Ta = 25C) * High output current 12 mA (@V CC = 3.0 V) * Bus hold on data inputs eliminates the need for external pullup / pulldown resistors * All outputs have equivalent 26 series resistors, so no external resistors are required.
HD74ALVCH162827
Function Table
Inputs OE1 L L H X H : High level L : Low level X : Immaterial Z : High impedance OE2 L L X H A L H X X L H Z Z Output Y
2
HD74ALVCH162827
Pin Arrangement
1OE1 1 1Y1 2 1Y2 3 GND 4 1Y3 5 1Y4 6 VCC 7 1Y5 8 1Y6 9 1Y7 10 GND 11 1Y8 12 1Y9 13 1Y10 14 2Y1 15 2Y2 16 2Y3 17 GND 18 2Y4 19 2Y5 20 2Y6 21 VCC 22 2Y7 23 2Y8 24 GND 25 2Y9 26 2Y10 27 2OE1 28
56 1OE2 55 1A1 54 1A2 53 GND 52 1A3 51 1A4 50 VCC 49 1A5 48 1A6 47 1A7 46 GND 45 1A8 44 1A9 43 1A10 42 2A1 41 2A2 40 2A3 39 GND 38 2A4 37 2A5 36 2A6 35 VCC 34 2A7 33 2A8 32 GND 31 2A9 30 2A10 29 2OE2
(Top view)
3
HD74ALVCH162827
Absolute Maximum Ratings
Item Supply voltage Input voltage
*1 *1, 2
Symbol VCC VI VO I IK I OK IO I CC or IGND PT Tstg
Ratings -0.5 to 4.6 -0.5 to 4.6 -0.5 to VCC +0.5 -50 50 50 100 1 -65 to 150
Unit V V V mA mA mA mA W C
Conditions
Output voltage
Input clamp current Output clamp current Continuous output current VCC, GND current / pin Maximum power dissipation at Ta = 55C (in still air) *3 Storage temperature Notes:
VI < 0 VO < 0 or VO > VCC VO = 0 to VCC
TSSOP
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. Exposure to absolute maximum rated conditions for extended periods may affect device reliability. 1. The input and output negative voltage ratings may be exceeded if the input and output clamp current ratings are observed. 2. This value is limited to 4.6 V maximum. 3. The maximum package power dissipation is calculated using a junction temperature of 150C and a board trace length of 750 mils.
Recommended Operating Conditions
Item Supply voltage Input voltage Output voltage High level output current Symbol VCC VI VO I OH Min 2.3 0 0 -- -- -- Low level output current I OL -- -- -- Input transition rise or fall rate Operating temperature t / v Ta 0 -40 Max 3.6 VCC VCC -6 -8 -12 6 8 12 10 85 ns / V C mA Unit V V V mA VCC = 2.3 V VCC = 2.7 V VCC = 3.0 V VCC = 2.3 V VCC = 2.7 V VCC = 3.0 V Conditions
Note: Unused control inputs must be held high or low to prevent them from floating.
4
HD74ALVCH162827
Logic Diagram
1OE1 1 1OE2 56 1A1
55 2
1Y1
To nine other channels
2OE1 28 2OE2 29 2A1
42 15
2Y1
To nine other channels
5
HD74ALVCH162827
Electrical Characteristics (Ta = -40 to 85C)
Item Input voltage Symbol VCC (V) *1 VIH 2.3 to 2.7 2.7 to 3.6 VIL 2.3 to 2.7 2.7 to 3.6 Output voltage VOH Min 1.7 2.0 -- -- Max -- -- 0.7 0.8 -- -- -- -- -- -- 0.2 0.4 0.55 0.55 0.6 0.8 5 -- -- -- -- 500 10 40 750 A A A A V I OH = -100 A I OH = -4 mA, VIH = 1.7 V I OH = -6 mA, VIH = 1.7 V I OH = -6 mA, VIH = 2.0 V I OH = -8 mA, VIH = 2.0 V I OH = -12 mA, VIH = 2.0 V I OL = 100 A I OL = 4 mA, VIL = 0.7 V I OL = 6 mA, VIL = 0.7 V I OL = 6 mA, VIL = 0.8 V I OL = 8 mA, VIL = 0.8 V I OL = 12 mA, VIL = 0.8 V VIN = VCC or GND VIN = 0.7 V VIN = 1.7 V VIN = 0.8 V VIN = 2.0 V VIN = 0 to 3.6 V VOUT = VCC or GND VIN = VCC or GND VIN = one input at (VCC-0.6) V, other inputs at V CC or GND Unit V Test Conditions
Min to Max VCC-0.2 2.3 2.3 3.0 2.7 3.0 1.9 1.7 2.4 2.0 2.0
VOL
Min to Max -- 2.3 2.3 3.0 2.7 3.0 -- -- -- -- -- -- 45 -45 75 -75 -- -- -- --
Input current
I IN I IN (hold)
3.6 2.3 2.3 3.0 3.0 3.6
Off state output current
*2
I OZ I CC
3.6 3.6 3.0 to 3.6
Quiescent supply current I CC
Notes: 1. For conditions shown as Min or Max, use the appropriate values under recommended operating conditions. 2. For I/O ports, the parameter I OZ includes the input leakage current.
6
HD74ALVCH162827
Switching Characteristics (Ta = -40 to 85C)
Item Propagation delay time Symbol VCC (V) t PLH t PHL 2.50.2 2.7 3.30.3 Output enable time t ZH t ZL 2.50.2 2.7 3.30.3 Output disable time t HZ t LZ 2.50.2 2.7 3.30.3 Input capacitance CIN 3.3 3.3 Output capacitance CO 3.3 Min 1.0 -- 1.0 1.2 -- 1.0 1.9 -- 1.3 -- -- -- Typ -- -- -- -- -- -- -- -- -- 3.5 6.0 7.0 Max 4.4 4.4 3.8 6.3 6.2 5.1 5.9 5.2 4.7 -- -- -- pF pF Control inputs Data inputs Outputs ns OE Y ns OE Y Unit ns FROM (Input) A TO (Output) Y
Test Circuit
See under table 500 S1 OPEN
*1
GND 500
C L = 50 pF
Load Circuit for Outputs Symbol t PLH / t PHL t ZH/ t HZ t ZL / t LZ Note: 1.
Vcc=2.50.2V Vcc=2.7V, 3.30.3V
OPEN GND 4.6 V
OPEN GND 6.0 V
CL includes probe and jig capacitance.
7
HD74ALVCH162827
Waveforms - 1
tr 90 % Input 10 % t PLH Vref 90 % Vref 10 % t PHL tf VIH GND
VOH Output Vref Vref VOL
Waveforms - 2
tf 90 % Vref 10 % t ZL Vref t ZH Waveform - B Vref t HZ VOH - 0.3 V 10 % t LZ tr 90 % Vref GND VOH1 Waveform - A VOL + 0.3 V VOL VOH VOL1 TEST VIH Vref VOH1 VOL1 Notes: 1. 2. 3. 4.
Vcc=2.50.2V Vcc=2.7V, 3.30.3V
VIH
Output Control
2.3 V 1.2 V 2.3 V GND
2.7 V 1.5 V 3.0 V GND
All input pulses are supplied by generators having the following characteristics: PRR 10 MHz, Zo = 50 , tr 2.5 ns, tf 2.5 ns. Waveform-A is for an output with internal conditions such that the output is low except when disabled by the output control. Waveform-B is for an output with internal conditions such that the output is high except when disabled by the output control. The output are measured one at a time with one transition per measurement.
8
HD74ALVCH162827
Package Dimensions
Unit : mm
14.00 -0.1 56
+0.3
29 6.10 +0.3 -0.1
1 0.20 +0.1 -0.05
0.50 0.08 M
28
0.15 0.05
0.40 Max 1.20 max 0.05 Min
8.10 0.3 10 Max 0.50 0.1
0.10
Hitachi code EIAJ code JEDEC code
TTP-56D -- --
9
HD74ALVCH162827
Cautions
1. Hitachi neither warrants nor grants licenses of any rights of Hitachi's or any third party's patent, copyright, trademark, or other intellectual property rights for information contained in this document. Hitachi bears no responsibility for problems that may arise with third party's rights, including intellectual property rights, in connection with use of the information contained in this document. 2. Products and product specifications may be subject to change without notice. Confirm that you have received the latest product standards or specifications before final design, purchase or use. 3. Hitachi makes every attempt to ensure that its products are of high quality and reliability. However, contact Hitachi's sales office before using the product in an application that demands especially high quality and reliability or where its failure or malfunction may directly threaten human life or cause risk of bodily injury, such as aerospace, aeronautics, nuclear power, combustion control, transportation, traffic, safety equipment or medical equipment for life support. 4. Design your application so that the product is used within the ranges guaranteed by Hitachi particularly for maximum rating, operating supply voltage range, heat radiation characteristics, installation conditions and other characteristics. Hitachi bears no responsibility for failure or damage when used beyond the guaranteed ranges. Even within the guaranteed ranges, consider normally foreseeable failure rates or failure modes in semiconductor devices and employ systemic measures such as failsafes, so that the equipment incorporating Hitachi product does not cause bodily injury, fire or other consequential damage due to operation of the Hitachi product. 5. This product is not designed to be radiation resistant. 6. No one is permitted to reproduce or duplicate, in any form, the whole or part of this document without written approval from Hitachi. 7. Contact Hitachi's sales office for any questions regarding this document or Hitachi semiconductor products.
Hitachi, Ltd.
Semiconductor & Integrated Circuits. Nippon Bldg., 2-6-2, Ohte-machi, Chiyoda-ku, Tokyo 100-0004, Japan Tel: Tokyo (03) 3270-2111 Fax: (03) 3270-5109
URL
NorthAmerica : http:semiconductor.hitachi.com/ Europe : http://www.hitachi-eu.com/hel/ecg Asia (Singapore) : http://www.has.hitachi.com.sg/grp3/sicd/index.htm Asia (Taiwan) : http://www.hitachi.com.tw/E/Product/SICD_Frame.htm Asia (HongKong) : http://www.hitachi.com.hk/eng/bo/grp3/index.htm Japan : http://www.hitachi.co.jp/Sicd/index.htm For further information write to:
Hitachi Europe GmbH Electronic components Group Dornacher Strae 3 D-85622 Feldkirchen, Munich Germany Tel: <49> (89) 9 9180-0 Fax: <49> (89) 9 29 30 00 Hitachi Europe Ltd. Electronic Components Group. Whitebrook Park Lower Cookham Road Maidenhead Berkshire SL6 8YA, United Kingdom Tel: <44> (1628) 585000 Fax: <44> (1628) 778322 Hitachi Asia Pte. Ltd. 16 Collyer Quay #20-00 Hitachi Tower Singapore 049318 Tel: 535-2100 Fax: 535-1533 Hitachi Asia Ltd. Taipei Branch Office 3F, Hung Kuo Building. No.167, Tun-Hwa North Road, Taipei (105) Tel: <886> (2) 2718-3666 Fax: <886> (2) 2718-8180 Hitachi Asia (Hong Kong) Ltd. Group III (Electronic Components) 7/F., North Tower, World Finance Centre, Harbour City, Canton Road, Tsim Sha Tsui, Kowloon, Hong Kong Tel: <852> (2) 735 9218 Fax: <852> (2) 730 0281 Telex: 40815 HITEC HX
Hitachi Semiconductor (America) Inc. 179 East Tasman Drive, San Jose,CA 95134 Tel: <1> (408) 433-1990 Fax: <1>(408) 433-0223
Copyright ' Hitachi, Ltd., 1999. All rights reserved. Printed in Japan.
10


▲Up To Search▲   

 
Price & Availability of HD74ALVCH162827

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X